Part Number Hot Search : 
300R1 AUP1T A7500 16800 MB3807 SU145 ATMEGA32 N7813A
Product Description
Full Text Search
 

To Download FQD13N10TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  components leader tape 1520mm minimum or 190 empty pockets trailer tape 360mm minimum or 45 empty pockets carrier tape carrier tape cover tape cover tape fks label fks label 390mm x 370mm x 310mm outer box(24,000cap) fks label 390mm x 370mm x 310mm outer box(24,000cap) fks label d-pak unit orientation fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 fg1n6 0 xfd 115 tf/x tm/xm 339mm x 352mm x 68mm inner box(6,000cap) 3 reels per box note/comments packaging option d-pak packaging information standard ( tf / x ) packaging type reel size tnr 13? dia qty per reel/tube/bag 2,000 inner box dimension (mm) 339x352x68 max qty per box 6,000 weight per unit (gm) 0.2986 weight per reel(kg) - standard ( tm / xm ) tnr 13? dia 2,500 339x352x68 7,500 0.2986 - outer box dimension (mm) 390x370x310 max qty per box 24,000 390x370x310 30,000 d-pak tape and reel data ?2003 fairchild semiconductor corporation september 2003, rev. c1 d-pak packaging configuration: figure 1.0 static dissipative embossed carrier tape fks label antistatic cover tape static dissipative embossed carrier tape fks label antistatic cover tape packaging description: d-pak parts are shipped in tape. the carrier tape is made from a dissipative (carbon filled) polycarbonate resin. the cover tape is a multilayer film (heat activated adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. these reeled parts in standard option are shipped with 2500(tm) / 2000(tf) units per 13? or 330cm diameter reel. the reels are dark blue or black in color and is made of polystyrene plastic (anti-static coated). this and some other options are further described in the packaging information table.these full reels are individually barcode labeled and placed inside a standard intermediate box (illustrated in figure 1.0) made of recyclable corrugated brown paper. one box contains three reels maximum. and these boxes are placed inside a barcode labeled shipping box which comes in different sizes depending on the number of parts shipped. inner box barcode label sample lot: part id: 2002/ 03 /17 07:30:00 bg:sa ar qty: d/c1:0211 d/c2: qty1: qty2: spec rev: cpn: fairchild semi conductor corporati on. (f63tnr)3.2 spec: qty : outer box barcode label sample lot no : 2002/ 03 /17 07:30:00 bg:fks-it part id : fairchild semi conductor corporati on. (bbx)1.0 0138 m110020004 d-pak tape leader and trailer configuration: figure 2.0
dimensions are in inches and millimeters tape size reel option dim a dim b dim c dim d dim n dim w1 dim w2 dim w3 (lsl-usl) 16mm 13?dia 13.00 330 0.059 1.5 0.512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 4.00 100 0.646 +0.078/-0.000 16.4 +2/0 0.882 22.4 0.626 ? 0.764 15.9 ? 19.4 dimensions are in inches and millimeters tape size reel option dim a dim b dim c dim d dim n dim w1 dim w2 dim w3 (lsl-usl) 16mm 13?dia 13.00 330 0.059 1.5 0.512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 4.00 100 0.646 +0.078/-0.000 16.4 +2/0 0.882 22.4 0.626 ? 0.764 15.9 ? 19.4 see detail aa dim a max see detail aa dim a max 13? diameter option w3 w2 max measured at hub w1 measured at hub dim n dim d min dim c b min detail aa dim d min dim c b min detail aa d-pak reel configuration: figure 4.0 p1 a0 d1 p0 f w e1 d0 e2 b0 tc wc k0 t notes: a0, b0, and k0 dimensions are determined with respect to the eia/jedec rs-481 rotational and lateral movement requirements (see sketches a, b, and c). 10 deg maximum component rotation 1.4mm maximum 0.8mm maximum tm type sketch c (top view) component lateral movement typical component cavity center line 10 deg maximum typical component center line b0 a0 sketch b (top view) component rotation typical component cavity center line 10 deg maximum typical component center line b0 a0 typical component cavity center line 10 deg maximum typical component center line b0 a0 sketch b (top view) component rotation sketch a (side or front sectional view) component rotation user direction of feed user direction of feed d-pak embossed carrier tape configuration: figure 3.0 0.10 max 13.3 +/-0.1 0.30 +/-0.05 2.70 +/-0.10 4.0 +/-0.1 12.0 +/-0.1 7.50 +/-0.10 14.25 min 1.75 +/-0.10 1.7 +/-0.10 1.50 +0.10 /-0.00 16.0 +/-0.3 7.20 +/-0.10 10.80 +/-0.10 d-pak tf / x (16mm) 0.10 max 13.3 +/-0.1 0.30 +/-0.05 2.65 +/-0.10 4.0 +/-0.1 8.0 +/-0.1 7.50 +/-0.10 14.25 min 1.75 +/-0.10 1.7 +/-0.10 1.50 +0.10 /-0.00 16.0 +/-0.3 10.50 +/-0.10 7.10 +/-0.10 d-pak tm / xm (16mm) tc wc t k0 p0 p1 f e2 e1 d1 d0 w b0 a0 pkg type dimensions are in millimeter 0.10 max 13.3 +/-0.1 0.30 +/-0.05 2.70 +/-0.10 4.0 +/-0.1 12.0 +/-0.1 7.50 +/-0.10 14.25 min 1.75 +/-0.10 1.7 +/-0.10 1.50 +0.10 /-0.00 16.0 +/-0.3 7.20 +/-0.10 10.80 +/-0.10 d-pak tf / x (16mm) 0.10 max 13.3 +/-0.1 0.30 +/-0.05 2.65 +/-0.10 4.0 +/-0.1 8.0 +/-0.1 7.50 +/-0.10 14.25 min 1.75 +/-0.10 1.7 +/-0.10 1.50 +0.10 /-0.00 16.0 +/-0.3 10.50 +/-0.10 7.10 +/-0.10 d-pak tm / xm (16mm) tc wc t k0 p0 p1 f e2 e1 d1 d0 w b0 a0 pkg type dimensions are in millimeter 0.9mm maximum 1.7mm maximum tf type sketch c (top view) component lateral movement d-pak tape and reel data, continued september 2003, rev. c1


▲Up To Search▲   

 
Price & Availability of FQD13N10TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X